Part Number Hot Search : 
F16JZ51 RFP4N100 ZFMYK10C NVFMCZ UPD70F3 000X00 05K15 SJ108178
Product Description
Full Text Search
 

To Download SF8JZ47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF8GZ47,SF8JZ47
TOSHIBA THYRISITOR SILICON PLANAR TYPE
SF8GZ47,SF8JZ47
MEDIUM POWER CONTROL APPLICATIONS
l Repetitive Peak off-State Voltage Repetitive Peak Reverse Voltage l Average On-State Current l Isolation Voltage : VDRM = 400, 600V : VRRM = 400, 600V : IT (AV) = 8A : VIsol = 1500V AC Unit: mm
MAXIMUM RATINGS
CHARACTERISTIC Repetitive Peak Off-State Voltage and Repetitive Peak6 Reverse Voltage Non-Repetitive Peak Reverse Voltage (Non-Repetitive <5ms, Tj = 0~125C) SF8GZ47 SF8JZ47 SF8GZ47 SF8JZ47 VRSM SYMBOL VDRM VRRM RATING 400 600 500 720 8 12.6 120 (50 Hz) 132 (60 Hz) 72 100 5 0.5 10 -5 2 -40~125 -40~125 1500 V V UNIT
Average On-State Current (Half Sine Waveform Tc = 72C) R.M.S On-State Current Peak One Cycle Surge On-State Current (Non-Repetitive) I t Limit Value Critical Rate of Rise of On-State Current (Note 1) Peak Gate Power Dissipation Average Gate Power Dissipation Peak Forward Gate Voltage Peak Reverse Gate Voltage Peak Forward Gate Current Junction Temperature Storage Temperature Range Isolation Voltage (AC, t = 1 min.)
2
IT (AV) IT (RMS) ITSM It di / dt PGM PG (AV) VFGM VRGM IGM Tj Tstg VISOL
2
A A A As A / s W W V V A C C V
2
JEDEC JEITA TOSHIBA Weight: 1.7g
13-10H1B
Note 1: di / dt test condition, VDRM = 0.5 x Rated, ITM 25A, tgw 10s, tgr 250ns, igp = IGT x 2.0
1
2001-07-13
SF8GZ47,SF8JZ47
ELECTRICAL CHARACTERISTICS (Ta = 25C)
CHARACTERISTIC Repetitive Peak Off-State Current and Repetitive Peak Reverse Current Peak On-State Voltage Gate Trigger Voltage Gate Trigger Current Gate Non-Trigger Voltage Critical Rate of Rise of Off-State Voltage Holding Current Latching Current Thermal Resistance SYMBOL IDRM IRRM VTM VGT IGT VGD dv / dt IH IL Rth (j-c) TEST CONDITION VDRM = VRRM = Rated ITM = 25 A VD = 6 V, RL = 10 VD = Rated x 2 / 3, Tc = 125C VDRM = Rated, Tc = 125C Exponential Rise VD = 6 V, ITM = 1 A VD = 6 V, f = 50Hz, tgw = 50 s, iG = 30 mA Junction to Case MIN 0.2 TYP. 50 MAX 10 1.5 1.0 10 40 50 3.7 UNIT A V V mA V V / s mA mA C / W
MARKING
*1 TYPE F8GZ47 F8JZ47 TYPE NAME SF8GZ47 SF8JZ47
*2
Example 8A:January 1998 8B:Febrary 1998 8L:December 1998
2
2001-07-13
SF8GZ47,SF8JZ47
3
2001-07-13
SF8GZ47,SF8JZ47
4
2001-07-13
SF8GZ47,SF8JZ47
5
2001-07-13
SF8GZ47,SF8JZ47
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2001-07-13


▲Up To Search▲   

 
Price & Availability of SF8JZ47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X